PART |
Description |
Maker |
109143 |
MiniMez Vertical Male SMT
|
ERNI Electronics
|
109225 109227 109223 109224 109221 109222 109226 1 |
MiniMez Vertical Male DIP
|
ERNI Electronics
|
109361 109360 109362 109363 109364 109333 109332 |
MiniMez Vertical Male DIP without pegs 7,4mm
|
ERNI Electronics
|
109500 109501 109505 109507 109511 109502 109503 1 |
MiniMez Vertical Female DIP w/o pegs 4,6mm
|
ERNI Electronics
|
653105124022 653112124022 653115124022 65310212402 |
1.25 SMT MALE VERTICAL SHROUDED HEADER
|
Wurth Elektronik GmbH & Co. KG, Germany.
|
620310124022 620313124022 620316124022 62034124022 |
2.00 MM SMT MALE VERTICAL SHROUDED HEADER
|
Wurth Elektronik GmbH &...
|
M80-8263442 |
Datamate L-Tek DIL Male Vertical SMT Connector, unlatched, selective gold tin, 17 17-way 34 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, PLUG
|
Harwin PLC
|
658158303064 |
1.00mm SMT Male Shrouded Vertical Plug 8.35mm Height WRBTB
|
Wurth Elektronik GmbH &...
|
53309-3270 53309-1870 53309-2070 53309-2270 53309- |
0.8 BtB WaferAssy RA SMT 32Ckt EmbsTpPkg 32 CONTACT(S), MALE, RIGHT ANGLE BOARD STACKING CONNECTOR, SURFACE MOUNT 533091870 18 CONTACT(S), MALE, RIGHT ANGLE BOARD STACKING CONNECTOR, SURFACE MOUNT 0.8 BtB Wafer Assy RA 20Ckt EmbsTp Pkg 20 CONTACT(S), MALE, RIGHT ANGLE BOARD STACKING CONNECTOR, SURFACE MOUNT 0.8 BtB WaferAssy RA SMT 22Ckt EmbsTpPkg 22 CONTACT(S), MALE, RIGHT ANGLE BOARD STACKING CONNECTOR, SURFACE MOUNT 0.8 BtB WaferAssy RA SMT 34Ckt EmbsTpPkg 34 CONTACT(S), MALE, RIGHT ANGLE BOARD STACKING CONNECTOR, SURFACE MOUNT 0.8 BtB WaferAssy RA SMT 36Ckt EmbsTpPkg 36 CONTACT(S), MALE, RIGHT ANGLE BOARD STACKING CONNECTOR, SURFACE MOUNT 0.8 BtB WaferAssy RA SMT 40Ckt EmbsTpPkg 40 CONTACT(S), MALE, RIGHT ANGLE BOARD STACKING CONNECTOR, SURFACE MOUNT 0.8 BtB WaferAssy RA SMT 26Ckt EmbsTpPkg 26 CONTACT(S), MALE, RIGHT ANGLE BOARD STACKING CONNECTOR, SURFACE MOUNT
|
Molex, Inc. MOLEX INC
|
75784-0111 0757840111 |
0.80mm (.031) Pitch, iPass I/O SMT Receptacle, Vertical, Internal Application, 36 Circuit, 0.38μm (15μ) Gold (Au), SMT Shell, Right Key
|
Molex Electronics Ltd.
|
|